Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU2616F Datasheet(PDF) 4 Page - Rohm |
|
BU2616F Datasheet(HTML) 4 Page - Rohm |
4 / 5 page (4) S: switch between FMIN and AMIN 0: FMIN 1: AMIN 122 Audio ICs BU2616F FInput data format Explanation of the data (1) Division data: For D0 through D15 (When S = 0, use D4 through D15.) Example: S = 0, SW = 0 When divide ratio = 1000, the actual set value is 500 since it passes through 1 / 2 the circuit. This translates to 1F4 (H) in HEX notation, and to (MSB) 0000 0001 1111 0100 (LSB) in binary notation. This data is used from LSB to D0 through D15. Example: S = 1, SW = 1 When divide ratio = 1000, the actual set value is 1000 since it does not pass through 1 / 2 the circuit. This translates to 3E8 (H) in HEX notation, and to (MSB) 0000 0011 1110 1000 (LSB) in binary notation. This data is used from LSB to D0 through D15. Example: S = 1, SW = 0 When divide ratio = 1000, D0 through D3 can be anything since it does not pass through the prescalar. This translates to 3E8 (H) in HEX notation, and to (MSB) 0001 1111 0100 (LSB) in binary notation. This data is used from LSB to D0 through D15. (2) Output port control data: P0, P1, P2, P3 1: Nch open drain output ON 0: Nch open drain output OFF (3) R0, R1, R2, standard frequency data (5) CT: Intermediate frequency measurement opera- tion 1: Begins measurement. 0: Resets internal counter, IFIN goes to pulldown. (6) L0, L1: Setting of IF frequency detection amplitude |
Número de pieza similar - BU2616F |
|
Descripción similar - BU2616F |