Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2616F Datasheet(PDF) 1 Page - Rohm

No. de pieza BU2616F
Descripción Electrónicos  PLL frequency synthesizer for tuners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2616F Datasheet(HTML) 1 Page - Rohm

  BU2616F Datasheet HTML 1Page - Rohm BU2616F Datasheet HTML 2Page - Rohm BU2616F Datasheet HTML 3Page - Rohm BU2616F Datasheet HTML 4Page - Rohm BU2616F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
119
Audio ICs
PLL frequency synthesizer for tuners
BU2616F
BU2616F PLL frequency synthesizers work up through the FM band.
Featuring low power dissipation and highly sensitive built-in RF amps, they detect intermediate frequencies.
FApplications
Tuners (Mini components, radio cassette players, radio
equipment, etc.)
FFeatures
1) Built-in high-speed prescaler can divide 130MHzVCO.
2) Low current dissipation (during operation: 6mA PLL
OFF: 1mA)
3) In addition to the standard FM and AM, also offers the
following 7 frequencies: 25kHz, 12.5kHz, 6.25kHz,
10kHz, 9kHz, 5kHz, and 1kHz.
4) SD (station detector) input circuit.
5) Intermediate frequency detection circuit
6) Charge pump output control circuit
7) Four output ports (Nch open drain).
8) Serial data input (CE, CK, DA)
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Número de pieza similar - BU2616F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AF ROHM-BU2611AF Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AFS ROHM-BU2611AFS Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
BU2614FS ROHM-BU2614FS Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
More results

Descripción similar - BU2616F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com