Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0082265720 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0082265720
Descripción Electrónicos  2.54mm (.100") Pitch Round Conductor Flat Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0082265720 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0082265720 Datasheet HTML 1Page - Molex Electronics Ltd. 0082265720 Datasheet HTML 2Page - Molex Electronics Ltd. 0082265720 Datasheet HTML 3Page - Molex Electronics Ltd. 0082265720 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0082265720
Status:
Active
Description:
2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 20
Circuits, Reel 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR61126
UL
E61522
General
Product Family
Cable
Series
7234
Crimp Quality Equipment
Yes
Geographic Area
Asia
Product Name
Ribbon
Physical
Cable Length
30.48m (100.0' )
Circuits (Loaded)
20
Insulation
PVC
Packaging Type
Reel
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
26
Wire/Cable Type
(1x26) Solid, Tinned
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Old Part Number
7234-20-100B
Reference - Drawing Numbers
Sales Drawing
SD-7234-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
7234Series
Use With
70400 C-Grid SL™ IDT Connector
Assembly. 70475 SL™ IDT Connector
Assembly. 7720 KK® IDT Double Cantilever
Contact
This document was generated on 03/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0082265720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0082265702 MOLEX3-0082265702 Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
0082265703 MOLEX3-0082265703 Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
0082265703 MOLEX1-0082265703_17 Datasheet
26Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 3 Circuits
0082265704 MOLEX3-0082265704 Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
0082265704 MOLEX1-0082265704_17 Datasheet
26Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com