Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4069UBF Datasheet(PDF) 1 Page - Rohm

No. de pieza BU4069UBF
Descripción Electrónicos  Hex inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4069UBF Datasheet(HTML) 1 Page - Rohm

  BU4069UBF Datasheet HTML 1Page - Rohm BU4069UBF Datasheet HTML 2Page - Rohm BU4069UBF Datasheet HTML 3Page - Rohm BU4069UBF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Standard ICs
Hex inverter
BU4069UB / BU4069UBF / BU4069UBFV
The BU4069UB, BU4069UBF and BU4069UBFV are six-circuit inverters with no buffers. A single-stage gate configu-
ration reduces the propagation time.
Logic circuit diagram
Absolute maximum ratings (VSS = 0V, Ta = 25°C)
VDD
OUT
VSS
IN
Parameter
Limits
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Input voltage
Symbol
VDD
Pd
Topr
Tstg
VIN
Unit
V
mW
°C
°C
V
– 0.3 ~ + 18
– 40 ~ + 85
– 55 ~ + 150
– 0.3 ~ VDD + 0.3
1000 (DIP), 450 (SOP), 350 (SSOP-B14)
Block diagram
1
I1
2
O1
3
I2
4
O2
5
I3
6
O3
7
14
13
12
11
10
9
8
VSS
VDD
I6
O6
I5
O5
I4
O4
Features
1) Low power dissipation.
2) Wide range of operating power supply voltages.
3) High input impedance.
4) High fan-out.
5) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.


Número de pieza similar - BU4069UBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4069UBF ROHM-BU4069UBF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF ROHM-BU4069UBF Datasheet
692Kb / 18P
   Quad 2-Input Hex Inverter
BU4069UBF-E2 ROHM-BU4069UBF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF-E2 ROHM-BU4069UBF-E2 Datasheet
692Kb / 18P
   Quad 2-Input Hex Inverter
BU4069UBFE2 ROHM-BU4069UBFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4069UBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com