Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4093B Datasheet(PDF) 2 Page - Rohm

No. de pieza BU4093B
Descripción Electrónicos  Quad 2-input NAND Schmitt trigger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4093B Datasheet(HTML) 2 Page - Rohm

  BU4093B Datasheet HTML 1Page - Rohm BU4093B Datasheet HTML 2Page - Rohm BU4093B Datasheet HTML 3Page - Rohm BU4093B Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BU4093B / BU4093BF / BU4093BFV
Absolute maximum ratings (VSS = 0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
VDD
V
mW
Topr
°C
Tstg
°C
VIN
– 0.3 ~ VDD + 0.3
V
1000 (DIP), 450 (SOP), 350 (SSOP)
– 40 ~ + 85
– 55 ~ + 150
Pd
– 0.3 ~ + 18
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Input voltage
Electrical characteristics
DC characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VIH
3.5
V
5
Fig.1
7.0
10
11.0
15
VIL
1.5
V
5
Fig.1
3.0
10
4.0
15
IIH
0.3
µA15
VIH = 15V
Fig.1
IIL
– 0.3
µA15
VIL = 0V
Fig.1
VOH
4.95
V
5
IO = 0mA
Fig.1
10
9.95
15
14.95
VOL
0.05
V
5
IO = 0mA
Fig.1
10
0.05
15
0.05
IOH
– 0.44
mA
5VOH = 4.6V
Fig.1
10
VOH = 9.5V
– 1.1
15
VOH = 13.5V
– 3.0
IOL
0.44
mA
5VOL = 0.4V
Fig.1
10
VOL = 0.5V
1.1
15
VOL = 1.5V
3.0
IDD
——
1
µA
5
VI = VDD or GND
Fig.1
10
——
2
15
——
4
VH
0.17
0.39
V
5
Fig.3
10
0.25
0.60
15
0.33
0.90
VDD (V)
Input high level voltage
Input low level voltage
Input high level current
Input low level current
Output high level voltage
Output low level voltage
Output high level current
Output low level current
Static
current dissipation
Hysteresis voltage


Número de pieza similar - BU4093B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4093B ROHM-BU4093B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4093B ROHM-BU4093B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4093B-E2 ROHM-BU4093B-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4093BF ROHM-BU4093BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4093BF-E2 ROHM-BU4093BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4093B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com