Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0026603080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0026603080
Descripción Electrónicos  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 8 Circuits, Tin (Sn) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026603080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0026603080 Datasheet HTML 1Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 2Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 3Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 4Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 5Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 6Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 7Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 8Page - Molex Electronics Ltd. 0026603080 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026603080
Status:
Active
Description:
3.96mm (.156") Pitch KK® Solid Header, Right Angle, without Peg, 8 Circuits, Tin (Sn)
Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41772
Application
Board-to-Board, Wire-to-Board
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.140 In
PC Tail Length (mm)
3.56 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41772Series
Mates With
3069 , 2139 , 2145 , 6442 , 7674 , 7675 ,
41695 , L ink:41815


Número de pieza similar - 0026603080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0026603020 MOLEX3-0026603020 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 2 Circuits, Tin (Sn) Plating
0026603030 MOLEX3-0026603030 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 3 Circuits, Tin (Sn) Plating
0026603040 MOLEX3-0026603040 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 4 Circuits, Tin (Sn) Plating
0026603050 MOLEX3-0026603050 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 5 Circuits, Tin (Sn) Plating
0026603060 MOLEX3-0026603060 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 6 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com