Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0026485021 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0026485021
Descripción Electrónicos  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating, Pin length 20.85mm (.821")
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026485021 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0026485021 Datasheet HTML 1Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 2Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 3Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 4Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 5Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 6Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 7Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 8Page - Molex Electronics Ltd. 0026485021 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image


Número de pieza similar - 0026485021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
002648-000 MACOM-002648-000 Datasheet
5Mb / 85P
   HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
logo
Molex Electronics Ltd.
0026481021 MOLEX3-0026481021 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating
0026481022 MOLEX3-0026481022 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 2 Circuits, Tin (Sn) Plating
0026481023 MOLEX3-0026481023 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, Tin (Sn) Plating
0026481025 MOLEX3-0026481025 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com