Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU8731KV Datasheet(PDF) 5 Page - Rohm

No. de pieza BU8731KV
Descripción Electrónicos  PCM codec IC for digital cellular telephones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU8731KV Datasheet(HTML) 5 Page - Rohm

  BU8731KV Datasheet HTML 1Page - Rohm BU8731KV Datasheet HTML 2Page - Rohm BU8731KV Datasheet HTML 3Page - Rohm BU8731KV Datasheet HTML 4Page - Rohm BU8731KV Datasheet HTML 5Page - Rohm BU8731KV Datasheet HTML 6Page - Rohm BU8731KV Datasheet HTML 7Page - Rohm BU8731KV Datasheet HTML 8Page - Rohm BU8731KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
614
Communication ICs
BU8731KV
FElectrical characteristics (unless otherwise noted, Ta = 25_C, DVDD = RXVDD = TXVDD = 3.0V, FSYNC = 8kHz)


Número de pieza similar - BU8731KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LSI Computer Systems
BU8731KV LSI-BU8731KV Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
More results

Descripción similar - BU8731KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
   PCM codec IC for digital cellular telephones
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
   Linear codec IC for digital cellular telephones
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com