Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0026602100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0026602100
Descripción Electrónicos  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 10 Circuits, Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026602100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0026602100 Datasheet HTML 1Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 2Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 3Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 4Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 5Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 6Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 7Page - Molex Electronics Ltd. 0026602100 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
41771-0010
Reference - Drawing Numbers
Product Specification
PS-40-02
Sales Drawing
SD-41771-001
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0026602100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0026602110 MOLEX3-0026602110 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 11 Circuits, Tin (Sn) Plating
0026602120 MOLEX3-0026602120 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 12 Circuits, Tin (Sn) Plating
0026602130 MOLEX3-0026602130 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 13 Circuits, Tin (Sn) Plating
0026602140 MOLEX3-0026602140 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 14 Circuits, Tin (Sn) Plating
0026602150 MOLEX3-0026602150 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 15 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com