Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2035 Datasheet(PDF) 3 Page - Rohm

No. de pieza LM2035
Descripción Electrónicos  5 x 7 matrix displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM2035 Datasheet(HTML) 3 Page - Rohm

  LM2035 Datasheet HTML 1Page - Rohm LM2035 Datasheet HTML 2Page - Rohm LM2035 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
240
LED displays
LM-2035 Series
FDual-color type
FElectrical and optical characteristics (Ta = 25_C)
FSingle-color type
FDual-color type
FLuminous intensity


Número de pieza similar - LM2035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results

Descripción similar - LM2035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
logo
Rohm
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
logo
Fairchild Semiconductor
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TX24 KINGBRIGHT-TX24 Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com