Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0026612130 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

No. de pieza 0026612130
Descripción Electrónicos  3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 13 Circuits, Gold (Au) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026612130 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0026612130 Datasheet HTML 1Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 2Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 3Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 4Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 5Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 6Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 7Page - Molex Electronics Ltd. 0026612130 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
41771
REV:
ECR/ECN NFORMATION:
SHEET No.
EC No.:
UCP2010-1257
H3
DATE:
11/30/2009
TITLE:
KK 156 HEADER ASSY
FLAT VERT
W/O PEGS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41771-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41771-0115/0131
Group
A-41771-0195/0211
Group
A-41771-0212/0228
Group
A-41771-0229/0245
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
2161-94 (102)
Pin No:
2161-7 (102)
Pin No:
2161-70 (102)
Pin No:
2161-21 (102)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L 18.29 / .720
Pin Length L
39.67 / 1.562
Pin Length L
39.67 / .915
Pin Length L
28.58 / 1.125
Mating
X
11.43 / .450
Mating
X
22.02 / 1.300
Mating
X
16.18 / .637
Mating
X
21.44 / .844
Gold Loc G N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.35 / .132
PC Tail
P
3.76 / .148
PC Tail
P
3.84 / .151
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41771-001
Pack Per
PK-41771-003
Pack Per
PK-41771-002
Pack Per
PK-41771-003
CKTS
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-62-2020
A-41771-0115
26-60-2023
A-41771-0195
27-60-2021
A-41771-0212
27-60-2022
A-41771-0229
3
26-62-2030
A-41771-0116
26-60-2033
A-41771-0196
A-41771-0213
27-60-2032
A-41771-0230
4
26-62-2040
A-41771-0117
26-60-2043
A-41771-0197
A-41771-0214
27-60-2042
A-41771-0231
5
26-62-2050
A-41771-0118
26-60-2053
A-41771-0198
A-41771-0215
27-60-2052
A-41771-0232
6
26-62-2060
A-41771-0119
26-60-2063
A-41771-0199
A-41771-0216
27-60-2062
A-41771-0233
7
26-62-2070
A-41771-0120
26-60-2073
A-41771-0200
27-60-2071
A-41771-0217
27-60-2072
A-41771-0234
8
26-62-2080
A-41771-0121
26-60-2083
A-41771-0201
27-60-2081
A-41771-0218
27-60-2082
A-41771-0235
9
26-62-2090
A-41771-0122
26-60-2093
A-41771-0202
A-41771-0219
27-60-2092
A-41771-0236
10
26-62-2100
A-41771-0123
26-60-2103
A-41771-0203
27-60-2101
A-41771-0220
27-60-2102
A-41771-0237
11
26-62-2110
A-41771-0124
26-60-2113
A-41771-0204
A-41771-0221
27-60-2112
A-41771-0238
12
26-62-2120
A-41771-0125
26-60-2123
A-41771-0205
27-60-2121
A-41771-0222
27-60-2122
A-41771-0239
13
26-62-2130
A-41771-0126
26-60-2133
A-41771-0206
A-41771-0223
27-60-2132
A-41771-0240
14
26-62-2140
A-41771-0127
26-60-2143
A-41771-0207
A-41771-0224
27-60-2142
A-41771-0241
15
26-62-2150
A-41771-0128
26-60-2153
A-41771-0208
A-41771-0225
27-60-2152
A-41771-0242
16
26-62-2160
A-41771-0129
26-60-2163
A-41771-0209
A-41771-0226
27-60-2162
A-41771-0243
17
26-62-2170
A-41771-0130
26-60-2173
A-41771-0210
A-41771-0227
27-60-2172
A-41771-0244
18
26-62-2180
A-41771-0131
26-60-2183
A-41771-0211
A-41771-0228
27-60-2182
A-41771-0245


Número de pieza similar - 0026612130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0026612100 MOLEX3-0026612100 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 10 Circuits, Gold (Au) Plating
0026612110 MOLEX3-0026612110 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 11 Circuits, Gold (Au) Plating
0026612120 MOLEX3-0026612120 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 12 Circuits, Gold (Au) Plating
0026612140 MOLEX3-0026612140 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 14 Circuits, Gold (Au) Plating
0026612150 MOLEX3-0026612150 Datasheet
247Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 15 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com