Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-35100-9002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-35100-9002
Descripción Electrónicos  Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35100-9002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-35100-9002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35100-9002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - SD-35100-9002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-35128-001 MOLEX4-SD-35128-001 Datasheet
121Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing
SD-35141-0201 MOLEX4-SD-35141-0201 Datasheet
62Kb / 2P
   2.00mm (.079") Dia Wire-to-Wire Housing
SD-35150-0100 MOLEX4-SD-35150-0100 Datasheet
77Kb / 2P
   070mm (.003") Pitch Wire-to-Wire VersaBlade?
SD-35150-0210 MOLEX4-SD-35150-0210 Datasheet
104Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with Mounting Ears, 2 Circuits
SD-35150-0292 MOLEX4-SD-35150-0292 Datasheet
71Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
More results

Descripción similar - SD-35100-9002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0350699002 MOLEX4-0350699002 Datasheet
51Kb / 2P
   Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
0350211001 MOLEX4-0350211001 Datasheet
331Kb / 4P
   Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
0008500008 MOLEX1-0008500008 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Brass Tin (Sn)
1721601806 MOLEX1-1721601806 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Brass, Tin (Sn), Bifurcated
0002082003 MOLEX1-0002082003_18 Datasheet
30Kb / 1P
   MLX Male Crimp Terminal 42023, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0002081001 MOLEX1-0002081001_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0002081101 MOLEX1-0002081101 Datasheet
173Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Reel
0945291201 MOLEX11-0945291201 Datasheet
74Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Brass
0002081103 MOLEX1-0002081103 Datasheet
172Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0366630001 MOLEX1-0366630001_18 Datasheet
32Kb / 1P
   MLX Crimp Terminal, 10-12 AWG, Reel, Tin (Sn)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com