Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-020PDT Datasheet(PDF) 1 Page - Rohm

No. de pieza SML-020PDT
Descripción Electrónicos  Two-color chip LEDs with reflectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-020PDT Datasheet(HTML) 1 Page - Rohm

  SML-020PDT Datasheet HTML 1Page - Rohm SML-020PDT Datasheet HTML 2Page - Rohm SML-020PDT Datasheet HTML 3Page - Rohm SML-020PDT Datasheet HTML 4Page - Rohm SML-020PDT Datasheet HTML 5Page - Rohm SML-020PDT Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SML-020 Series
Light Emitting Diodes
1/6
Two-color chip LEDs with reflectors
SML-020 Series
The SML-020 series are two-color, high luminance chip
LEDs with reflectors. Two-color chips are built into a
single package. These LEDs are compact and leadless
to allow a high mounting density.
!
!
!
!
Features
1) Reflectors are used to achieve a high luminance.
2) Two-color emission, rectangular and leadless
(3
×2.5 mm).
3) Can be mounted by automatic mounting.
4) Available on tape
!
!
!
!
External dimensions (Units : mm)
3.0
2.3
1.3
0.5
1.0
Other Color
Green or Pure Green
Green or Pure Green
Other color
Electrode
Cathode mark
Tolerances are ±0.2 unless otherwise noted:
!
!
!
!
Selection guide
Emitting color
Lens
Red
Green
Orange
Green
Yellow
Green
Orange
Pure Green
SML-020MVT
SML-020MLT
SML-020MDT SML-020MYT SML-020PDT
Transparent clear
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Power dissipation
Forward current
Peak forward current
Storage temperature
Operating temperature
Reverse voltage
∗ Pulse width 1ms Duty 1 / 5
Parameter
Symbol
PD
IFP Other Color
IFP Green
IF Other Color
IF Green
VR
Topr
Tstg
Limits
Unit
mW/chip
mA
mA*
˚C
˚C
V
MLT
60
30
75
MVT
MDT
PDT
MYT
25
60
25
60
4
−30~+85
−40~+85


Número de pieza similar - SML-020PDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020PDT ROHM-SML-020PDT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020PDT ROHM-SML-020PDT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors SML-020 Series
More results

Descripción similar - SML-020PDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020MYTT87 ROHM-SML-020MYTT87 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors SML-020 Series
SML-010YT ROHM-SML-010YT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010LTT86 ROHM-SML-010LTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
SML-010MTT86 ROHM-SML-010MTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
logo
List of Unclassifed Man...
SML-011 ETC-SML-011 Datasheet
27Kb / 3P
   Chip LEDs with reflectors
logo
Rohm
SML-010VTT86 ROHM-SML-010VTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors SML-010 Series
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com