Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-33012-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-33012-002
Descripción Electrónicos  MX150??Female Terminal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-33012-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-33012-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 6Page - Molex Electronics Ltd. SD-33012-002 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0330013023
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
MX150™ Female Terminal, Select Gold (Au) Plating, 22 AWG, Left Reel Payoff, Large
Polarization Rib, Contact Material Thickness 0.30mm (.012")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
33001
Comments
Left Reel Payoff, Large Polarization Rib
Crimp Quality Equipment
Yes
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Unplated
Material - Plating Termination
Unplated
Packaging Type
Reel
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.60mm (.102") max.
Wire Size AWG
22
Wire Size mm²
0.5
Electrical
Current - Maximum per Contact
22A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-33012-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
33001Series
Use With
33472 Dual Row Housing. 33476 Hybrid
Housing. 33471 Single Row Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Extraction
Tool
0638131500
FineAdjust™
Applicator
0639001000
Hand Crimp Tool,
18-22AWG
0638116000
Hand Crimp Tool,
Metric 0.05 and 0.75
0638116200


Número de pieza similar - SD-33012-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-33012-002 MOLEX4-SD-33012-002 Datasheet
800Kb / 7P
   MX150??Female Terminal, Silver (Ag) Plating
SD-33012-002 MOLEX4-SD-33012-002 Datasheet
800Kb / 7P
   MX150??Female Terminal, Tin (Sn) Plating, 14-16 AWG
SD-33012-002 MOLEX4-SD-33012-002 Datasheet
799Kb / 6P
   MX150??Female Terminal
SD-33012-002 MOLEX4-SD-33012-002 Datasheet
800Kb / 7P
   MX150??Female Terminal
SD-33012-002 MOLEX4-SD-33012-002 Datasheet
800Kb / 7P
   MX150??Female Terminal
More results

Descripción similar - SD-33012-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0330013003 MOLEX4-0330013003 Datasheet
800Kb / 7P
   MX150??Female Terminal
0330013005 MOLEX4-0330013005 Datasheet
800Kb / 7P
   MX150??Female Terminal
0330122003 MOLEX4-0330122003 Datasheet
799Kb / 6P
   MX150??Female Terminal
0330012004 MOLEX4-0330012004 Datasheet
800Kb / 7P
   MX150??Female Terminal
0330122021 MOLEX4-0330122021 Datasheet
800Kb / 7P
   MX150??Female Terminal
0330123003 MOLEX4-0330123003 Datasheet
800Kb / 7P
   MX150??Female Terminal
0340812005 MOLEX4-0340812005 Datasheet
504Kb / 5P
   MX150??Female Cable Seal Terminal
0340815001 MOLEX4-0340815001 Datasheet
506Kb / 5P
   MX150??Female Cable Seal Terminal
0340813004 MOLEX4-0340813004 Datasheet
505Kb / 5P
   MX150??Female Cable Seal Terminal
0330014003 MOLEX4-0330014003 Datasheet
800Kb / 7P
   MX150??Female Terminal, Silver (Ag) Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com