Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0192160010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0192160010
Descripción Electrónicos  Ultimate Wire Tap, Blue, 14-18 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192160010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192160010 Datasheet HTML 1Page - Molex Electronics Ltd. 0192160010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192160010
Status:
Active
Description:
Ultimate Wire Tap, Blue, 14-18 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
IDT and Solder Connectors
Series
19216
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Wire Tap
Physical
Circuits (Loaded)
1
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-2
Gender
N/A
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Resin
Nylon
Number of Rows
0
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
105°C
Wire Insulation Diameter
N/A
Wire Size AWG
14, 16, 18
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
WT-1814
Reference - Drawing Numbers
Sales Drawing
SD-19216-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19216Series
Mates With
Male Quick Disconnect
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0192160010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0192160011 MOLEX4-0192160011 Datasheet
89Kb / 2P
   Ulimate Wire Tap, Red, 18-22 AWG (0.80" - .0.35mm
More results

Descripción similar - 0192160010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0192160009 MOLEX4-0192160009 Datasheet
89Kb / 2P
   Ultimate Wire Tap, Yellow, 12 AWG
logo
Hubbell Incorporated.
YAITWS1814W HUBBELL-YAITWS1814W Datasheet
268Kb / 1P
   Instant Tap Connector, 18-14 AWG, 0.80" L
logo
Molex Electronics Ltd.
0192160011 MOLEX4-0192160011 Datasheet
89Kb / 2P
   Ulimate Wire Tap, Red, 18-22 AWG (0.80" - .0.35mm
0197244400 MOLEX4-0197244400 Datasheet
82Kb / 2P
   VibraKrimp??Snap Plug for 14-18 AWG Wire
0192160004 MOLEX4-0192160004 Datasheet
110Kb / 2P
   Multi-Lock Connector for 14-18 AWG Wire
0197244402 MOLEX4-0197244402 Datasheet
82Kb / 2P
   VibraKrimp??Snap Plug for 14-18 AWG Wire
logo
Hubbell Incorporated.
YAIT1814B HUBBELL-YAIT1814B Datasheet
257Kb / 1P
   Instant Tap Connector, 18-14 AWG, 0.80" L, With Stop (Connector Type)
logo
Molex Electronics Ltd.
0573553000 MOLEX-0573553000 Datasheet
50Kb / 2P
   Applicator for M211A Bench Press, 14-18 AWG Wire
08/26/2022
63819-2200 MOLEX11-63819-2200 Datasheet
36Kb / 1P
   Hand Tool for Power Crimp Pin, 14-18 AWG Wire
63819-9900 MOLEX11-63819-9900 Datasheet
44Kb / 1P
   Hand Tool for Power Crimp Sockets, 14-18 AWG Wire
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com