Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0351560200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0351560200
Descripción Electrónicos  3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 2 Circuits, Natural
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351560200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351560200 Datasheet HTML 1Page - Molex Electronics Ltd. 0351560200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351560200
Status:
Active
Description:
3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 2 Circuits, Natural
Documents:
3D Model
Product Specification PS-35156-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35156-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
35156
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35156-001, PS-35156-003, RPS-35156-002,
RPS-35156-003, RPS-35156-101
Sales Drawing
SD-35156-**0*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35156Series
Mates With
Use With
50217 Crimp Terminals
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0351560200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0351560300 MOLEX4-0351560300 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 3 Circuits, Natural
0351560400 MOLEX11-0351560400 Datasheet
100Kb / 1P
   3.96 IPITCH W/B CONN, HOUSING (WITH LOCK)
0351560500 MOLEX4-0351560500 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing
0351560600 MOLEX4-0351560600 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 6 Circuits, Natural
0351560900 MOLEX4-0351560900 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 9 Circuits, Natural
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com