Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0194170119 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0194170119
Descripción Electrónicos  MX150L??Circuit Voiding Key
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0194170119 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194170119 Datasheet HTML 1Page - Molex Electronics Ltd. 0194170119 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194170119
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ Circuit Voiding Key
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
19417
Comments
Insulation Resistance: 1000 Megohms
Component Type
Voiding Key
MolexKits
Yes
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Circuits (Loaded)
N/A
Gender
Dual
Lock to Mating Part
None
Packaging Type
Bag
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19417-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19417Series
Use With
19418 MX150L™ Receptacle, 19419
MX150L™ Plug, 19435 MX150L™Rear
Mount Flange Plug
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0194170119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194170011 MOLEX4-0194170011 Datasheet
146Kb / 3P
   MX150L??Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm(1.00")
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170024 MOLEX4-0194170024 Datasheet
147Kb / 3P
   MX150L??Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm(1.00")
0194170024 MOLEX1-0194170024_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
More results

Descripción similar - 0194170119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194180013 MOLEX4-0194180013 Datasheet
130Kb / 2P
   MX150L??10 Circuit Receptacle
0194180007 MOLEX4-0194180007 Datasheet
101Kb / 2P
   MX150L??2 Circuit Receptacle
0194180005 MOLEX4-0194180005 Datasheet
108Kb / 2P
   MX150L??4 Circuit Receptacle
19417-0263 MOLEX11-19417-0263 Datasheet
47Kb / 2P
   CIRCUIT PLUG, MX150L, W-T-B
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
   MX150L??4 Circuit Rear Mount Flange Sealed
0194330002 MOLEX4-0194330002 Datasheet
94Kb / 2P
   MX150L??4 Circuit Plug for 8 AWG Wire
0194330002 MOLEX1-0194330002_18 Datasheet
43Kb / 2P
   MX150L 4 Circuit Plug for 8 AWG Wire
0194330014 MOLEX1-0194330014_18 Datasheet
42Kb / 2P
   MX150L 2 Circuit Plug for 8 AWG Wire
0194330014 MOLEX4-0194330014 Datasheet
94Kb / 2P
   MX150L??2 Circuit Plug for 8 AWG Wire
19433-0002 MOLEX11-19433-0002 Datasheet
49Kb / 2P
   MX150L 4 Circuit Plug for 8 AWG Wire
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com