Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0194031130 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0194031130
Descripción Electrónicos  Terminal for Self Contained Header for 12-14 AWG Wire, Metal Strip Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0194031130 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194031130 Datasheet HTML 1Page - Molex Electronics Ltd. 0194031130 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194031130
Status:
Planned for Obsolescence
Overview:
selfcontained_power_connector_scpc
Description:
Terminal for Self Contained Header for 12-14 AWG Wire, Metal Strip Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152602
General
Product Family
Crimp Terminals
Series
19403
Comments
UL EI52602
Crimp Quality Equipment
Yes
Overview
selfcontained_power_connector_scpc
Product Literature Order No
987650-0531
Product Name
SCPC
Physical
Durability (mating cycles max)
25
Gender
Male
Material - Metal
High Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.48mm-4.11mm (.137-.162")
Wire Size AWG
12, 14
Wire Size mm²
2.08 TO 3.31
Electrical
Current - Maximum per Contact
20A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19403-117
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19403Series
Mates With
19403 Header
Use With
19403-1120 Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638875000
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0194031130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194031131 MOLEX4-0194031131 Datasheet
121Kb / 2P
   Terminal for Self Contained Header for 12- 14 AWG Wire
More results

Descripción similar - 0194031130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194031131 MOLEX4-0194031131 Datasheet
121Kb / 2P
   Terminal for Self Contained Header for 12- 14 AWG Wire
0194310001 MOLEX4-0194310001 Datasheet
118Kb / 3P
   MX150L??Male Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194340001 MOLEX4-0194340001 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194340001 MOLEX1-0194340001_18 Datasheet
35Kb / 1P
   MX150L Female Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194310001 MOLEX1-0194310001_18 Datasheet
34Kb / 1P
   MX150L Male Terminal for 10-12 AWG Wire, Metal Strip Carrier
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170027 MOLEX1-0194170027_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 26.16mm
0194170029 MOLEX1-0194170029_18 Datasheet
29Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Length 26.16mm , Metal Strip Carrier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com