Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0350979802 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0350979802
Descripción Electrónicos  MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20 AWG(1.30-0.50mm짼;), Metal Strip, Tab 2.79 by 0.50mm (.110 by .020"), Pre-Tin Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350979802 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0350979802 Datasheet HTML 1Page - Molex Electronics Ltd. 0350979802 Datasheet HTML 2Page - Molex Electronics Ltd. 0350979802 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Número de pieza similar - 0350979802

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0350979812 MOLEX4-0350979812 Datasheet
128Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.30-0.50mm짼;), Metal StripTab 2.79 by 0.50mm (.110 by .020"), Pre-Tin Plated
0350979822 MOLEX4-0350979822 Datasheet
105Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20AWG(1.31-0.52mm짼;), Metal Strip, Tab 2.79 by 0.60mm (.110 by .023"), Pre-Tin Plated
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com