Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0351510412 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0351510412
Descripción Electrónicos  6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, 4Circuits, Polyester UL94V-0, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351510412 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351510412 Datasheet HTML 1Page - Molex Electronics Ltd. 0351510412 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351510412
Status:
Active
Overview:
versablade
Description:
6.20mm (.244") Pitch Wire-to-Wire VersaBlade™ Hybrid Receptacle Housing, 4
Circuits, Polyester UL94V-0, Red
Documents:
3D Model
Product Specification PS-35524-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35151
Comments
Polarized to Mating Part, Positive Lock
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (maximum)
4
Color - Resin
Red
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.350 In
Pitch - Mating Interface (mm)
8.90 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35524-001
Sales Drawing
SD-35151-0410
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35151Series
Mates With
Use With
VersaBlade™ Crimp Terminals, 35745 ,
35746 , 35747
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0351510412

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0351510410 MOLEX4-0351510410 Datasheet
97Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, 4Circuits, Polyester UL94V-0, Natural
0351510414 MOLEX4-0351510414 Datasheet
97Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, 4Circuits, Polyester UL94V-0, Blue
0351510419 MOLEX4-0351510419 Datasheet
97Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, 4Circuits, Polyester Cardonate UL94V-0, Natural, Glow Wire Compatible
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com