Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0350689812 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0350689812
Descripción Electrónicos  MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.30mm (.187 by .012"), Pre-Tin Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350689812 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0350689812 Datasheet HTML 1Page - Molex Electronics Ltd. 0350689812 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - 0350689812

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0350689802 MOLEX4-0350689802 Datasheet
146Kb / 3P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 1.0-2.2kgf(9.8-21.6N)
0350689822 MOLEX4-0350689822 Datasheet
136Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.80mm (.187 by .031"), Pre-Tin Plated
0350689842 MOLEX4-0350689842 Datasheet
144Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal Strip,Tab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 0.8-1.4kgf(7.8-13.7N)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com