Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0192150047 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0192150047
Descripción Electrónicos  VersaKrimp??Butt Splice for 1/0 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192150047 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192150047 Datasheet HTML 1Page - Molex Electronics Ltd. 0192150047 Datasheet HTML 2Page - Molex Electronics Ltd. 0192150047 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192150047
Status:
Active
Description:
VersaKrimp™ Butt Splice for 1/0 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19215
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, VersaKrimp™
Physical
Barrel Type
Closed - Brazed
Insulation
None
Packaging Type
Bag
Wire Size AWG
1/0
Material Info
Old Part Number
H-383
Reference - Drawing Numbers
Sales Drawing
CD31003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19215Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900011
Manual tool for
Crimping non-
insulated 8AWG thru
4/0 Terminals
0192940008
Putt Pump Dieless
Head System
0192860065


Número de pieza similar - 0192150047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 6 AWG Wire
0192150042 MOLEX4-0192150042 Datasheet
108Kb / 3P
   Step Down Butt Splice for 6-8 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 4 AWG Wire
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 2 AWG Wire
0192150048 MOLEX4-0192150048 Datasheet
71Kb / 3P
   VersaKrimp??Butt Splice for 2/0 AWG Wire
More results

Descripción similar - 0192150047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0192050013 MOLEX4-0192050013 Datasheet
66Kb / 2P
   VersaKrimp??Butt Splice for 4/0 AWG Wire
0192150048 MOLEX4-0192150048 Datasheet
71Kb / 3P
   VersaKrimp??Butt Splice for 2/0 AWG Wire
0192050012 MOLEX4-0192050012 Datasheet
66Kb / 2P
   VersaKrimp??Butt Splice for 3/0 AWG Wire
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 2 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 6 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 4 AWG Wire
0192150034 MOLEX4-0192150034 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 8 AWG Wire
0192150018 MOLEX4-0192150018 Datasheet
87Kb / 2P
   VersaKrimp??Butt Splice for 14-16 AWG Wire
0192050009 MOLEX4-0192050009 Datasheet
101Kb / 3P
   VersaKrimp??Parallel Splice for 1/0 AWG Wire
0192150028 MOLEX4-0192150028 Datasheet
85Kb / 2P
   VersaKrimp??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com