Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0351503619 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0351503619 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0351503619 Status: Active Overview: versablade Description: 7.30mm (.287") Pitch Wire-to-Wire VersaBlade™ Hybrid Plug Housing, with Mounting Ears, 6 Circuits, Polyester Carbonate UL94V-0, Yellow, Glow Wire Compatible Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 TUV R72090206 UL E29179 General Product Family Crimp Housings Series 35150 Comments Polarized to Mating Part, Positive Lock Overview versablade Product Name VersaBlade™ Physical Breakaway No Circuits (maximum) 6 Color - Resin Yellow Flammability 94V-0 Gender Male Glow-Wire Compliant Yes Keying to Mating Part None Lock to Mating Part Yes Material - Resin Polyester Alloy Number of Rows 2 Packaging Type Bag Panel Mount Yes Pitch - Mating Interface (in) 0.287 In Pitch - Mating Interface (mm) 7.30 mm Pitch - Term. Interface (in) 0.287 In Pitch - Term. Interface (mm) 7.30 mm Polarized to Mating Part Yes Ports 1 Stackable No Temperature Range - Operating -40°C to +120°C Material Info Reference - Drawing Numbers Sales Drawing SD-35150-061* Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 35150Series Mates With 351510610 Receptacle Housing. 351510614 Receptacle Housing Use With VersaBlade™ Crimp Terminals, 35745 , 35746 , 35747 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Número de pieza similar - 0351503619 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |