Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0351640202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0351640202
Descripción Electrónicos  2.50mm (.098") Pitch Board-In Housing, 2 Circuits, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351640202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351640202 Datasheet HTML 1Page - Molex Electronics Ltd. 0351640202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351640202
Status:
Active
Description:
2.50mm (.098") Pitch Board-In Housing, 2 Circuits, Red
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35164-001 (PDF)
General
Product Family
Crimp Housings
Series
35164
Product Name
Board-In
Physical
Circuits (maximum)
2
Circuits Detail
2
Color - Resin
Red
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35164-001
Sales Drawing
SD-35164-**0*
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35164Series
Mates With
350479802 Board-In Terminal
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0351640202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0351640400 MOLEX4-0351640400 Datasheet
96Kb / 2P
   2.50mm (.098") Pitch Board-In Housing
0351640402 MOLEX4-0351640402 Datasheet
87Kb / 2P
   2.50mm (.098") Pitch Board-In Housing, 4 Circuits, Red
0351640500 MOLEX4-0351640500 Datasheet
96Kb / 2P
   2.50mm (.098") Pitch Board-In Housing
0351640502 MOLEX4-0351640502 Datasheet
87Kb / 2P
   2.50mm (.098") Pitch Board-In Housing, 5 Circuits, Red
0351640702 MOLEX4-0351640702 Datasheet
87Kb / 2P
   2.50mm (.098") Pitch Board-In Housing, 7 Circuits, Red
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com