Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

019420-0004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 019420-0004
Descripción Electrónicos  MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

019420-0004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  019420-0004 Datasheet HTML 1Page - Molex Electronics Ltd. 019420-0004 Datasheet HTML 2Page - Molex Electronics Ltd. 019420-0004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Número de pieza similar - 019420-0004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194200001 MOLEX1-0194200001_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
More results

Descripción similar - 019420-0004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0194200001 MOLEX1-0194200001_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200009 MOLEX1-0194200009_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated
0194200009 MOLEX4-0194200009 Datasheet
119Kb / 3P
   MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
0194340002 MOLEX1-0194340002_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 8 AWG Wire, Metal Strip Carrier
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com