Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0192210405 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0192210405
Descripción Electrónicos  Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 5/16", Un-Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192210405 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0192210405 Datasheet HTML 1Page - Molex Electronics Ltd. 0192210405 Datasheet HTML 2Page - Molex Electronics Ltd. 0192210405 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0192210405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0192210400 MOLEX4-0192210400 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 5/16", Un-Plated
0192210401 MOLEX4-0192210401 Datasheet
245Kb / 3P
   Compression Style Ring Tongue Terminal
0192210402 MOLEX4-0192210402 Datasheet
245Kb / 3P
   Compression Style Ring Tongue
0192210403 MOLEX4-0192210403 Datasheet
245Kb / 3P
   Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2", Un-Plated, Barrel Length 19.05mm (.750")
0192210404 MOLEX4-0192210404 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 1/4", Un-Plated
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com