Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0428789034 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0428789034
Descripción Electrónicos  Modular Jack, Vertical, Low Profile, 8/4, Keyed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0428789034 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0428789034 Datasheet HTML 1Page - Molex Electronics Ltd. 0428789034 Datasheet HTML 2Page - Molex Electronics Ltd. 0428789034 Datasheet HTML 3Page - Molex Electronics Ltd. 0428789034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0428789034
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Vertical, Low Profile, 8/4, Keyed
Documents:
3D Model
Product Specification PS-42878 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
42878
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Keying to Mating Part
Yes
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Ports
1
Positions / Loaded Contacts
8/4
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42878Series
Mates With
FCC 68 Plugs


Número de pieza similar - 0428789034

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0428789032 MOLEX5-0428789032 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/4, Keyed, Panel Stops
More results

Descripción similar - 0428789034

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0428789130 MOLEX5-0428789130 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/4, Keyed
0428788458 MOLEX1-0428788458_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed
0428788458 MOLEX5-0428788458 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed
0428788554 MOLEX5-0428788554 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed
0424108362 MOLEX5-0424108362 Datasheet
201Kb / 4P
   Modular Jack, Vertical, Low Profile, Keyed, 8/ 8
0424108938 MOLEX5-0424108938 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/4, Keyed
0424109130 MOLEX5-0424109130 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/4, Keyed
0428789418 MOLEX5-0428789418 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/2, Keyed
0428788842 MOLEX5-0428788842 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed
0428788746 MOLEX5-0428788746 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com