Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0431607304 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0431607304
Descripción Electrónicos  7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0431607304 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0431607304 Datasheet HTML 1Page - Molex Electronics Ltd. 0431607304 Datasheet HTML 2Page - Molex Electronics Ltd. 0431607304 Datasheet HTML 3Page - Molex Electronics Ltd. 0431607304 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0431607304
Status:
Active
Description:
7.50mm (.295") Pitch Sabre™ Header, Single Row, Right Angle, 4 Circuits, PC Tail
Length 5.33mm (.210"), with Snap-In Metal Pins, Tin (Sn) Plating, 46 Nylon 94V-0,
Black, Glow Wire Compatible
Documents:
3D Model
Product Specification PSX-44441-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43160
Application
Wire-to-Board
Comments
Fully Polarized
Product Literature Order No
USA-113
Product Name
Sabre™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.210 In
PC Tail Length (mm)
5.33 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.295 In
Pitch - Mating Interface (mm)
7.50 mm
Plating min: Mating (µin)
80
Plating min: Mating (µm)
2
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43160Series
Mates With
44441-2004


Número de pieza similar - 0431607304

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0431603104 MOLEX5-0431603104 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
0431603105 MOLEX5-0431603105 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 5 Circuits
0431604302 MOLEX11-0431604302 Datasheet
224Kb / 2P
   SABRE HEADER, ASSY VERTICAL, 2-6 & 8 CIR. .125/(3.18)X .020/(0.51)
0431605304 MOLEX5-0431605304 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com