Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0424108602 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0424108602
Descripción Electrónicos  Modular Jack, Vertical, 8/6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0424108602 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0424108602 Datasheet HTML 1Page - Molex Electronics Ltd. 0424108602 Datasheet HTML 2Page - Molex Electronics Ltd. 0424108602 Datasheet HTML 3Page - Molex Electronics Ltd. 0424108602 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0424108602
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Vertical, 8/6
Documents:
3D Model
Product Specification PS-42410 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
42410
Comments
Flush Mount|Flangeless|2 PCB Thick
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Vertical (Top Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42410Series
Mates With
FCC 68 Plugs


Número de pieza similar - 0424108602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0424108600 MOLEX5-0424108600 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Panel Stops
More results

Descripción similar - 0424108602

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0424108794 MOLEX5-0424108794 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6
0424108842 MOLEX5-0424108842 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Keyed
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Keyed
0428788794 MOLEX5-0428788794 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6
0424108792 MOLEX5-0424108792 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Panel Stops
0428788698 MOLEX5-0428788698 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6
0424108600 MOLEX5-0424108600 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Panel Stops
0424106170 MOLEX5-0424106170 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/6
0424106266 MOLEX5-0424106266 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/6
0424106170 MOLEX1-0424106170_18 Datasheet
32Kb / 2P
   Modular Jack, Vertical, 6/6
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com