Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0428920085 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

No. de pieza 0428920085
Descripción Electrónicos  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 7 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0428920085 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0428920085 Datasheet HTML 1Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 2Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 3Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 4Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 5Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 6Page - Molex Electronics Ltd. 0428920085 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
42892
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO:
UCP2008-0727
G2
DATE
10/8/2007
TITLE:
FRICTION LOCK HDR. ASSY.
.156 BENT SQ PINS W/PEGS
RT. ANGLE MOUNT
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-42892-001
ADERR
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42892-0002/0018
Group
A-42892-0080/0096
Group
A-42892-0097/0113
Group
A-42892-0019/0035
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Pin No:
2161-62(102)
Pin No:
43294-0452
Pin No:
43290-0453
Pin No:
2161-62(501)
Plating:
102
Plating:
208
Plating:
228
Plating:
501
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Mating
M
11.43/ .450
Mating
M
11.43/ .450
Mating
M
11.43/ .450
Mating
M
11.43/.450
Gold Loc G
N/A
Gold Loc G
6.86/ .270
Gold Loc G
6.86/ .270
Gold Loc G
OVERALL
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
Tin Loc
T
OVERALL
Tin Loc
T
4.06/ .160
Tin Loc
T
4.06/ .160
Tin Loc
T
N/A
Voided Ckts
NONE
Voided Ckts
NONE
Voided CKts
NONE
Voided Ckts
NONE
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-7020
A-42892-0002
42892-0080
A-42892-0080
42892-0097
A-42892-0097
26-60-7021
A-42892-0019
3
26-60-7030
A-42892-0003
42892-0081
A-42892-0081
42892-0098
A-42892-0098
26-60-7031
A-42892-0020
4
26-60-7040
A-42892-0004
42892-0082
A-42892-0082
42892-0099
A-42892-0099
26-60-7041
A-42892-0021
5
26-60-7050
A-42892-0005
42892-0083
A-42892-0083
42892-0100
A-42892-0100
26-60-7051
A-42892-0022
6
26-60-7060
A-42892-0006
42892-0084
A-42892-0084
42892-0101
A-42892-0101
26-60-7061
A-42892-0023
7
26-60-7070
A-42892-0007
42892-0085
A-42892-0085
42892-0102
A-42892-0102
26-60-7071
A-42892-0024
8
26-60-7080
A-42892-0008
42892-0086
A-42892-0086
42892-0103
A-42892-0103
26-60-7081
A-42892-0025
9
26-60-7090
A-42892-0009
42892-0087
A-42892-0087
42892-0104
A-42892-0104
26-60-7091
A-42892-0026
10
26-60-7100
A-42892-0010
42892-0088
A-42892-0088
42892-0105
A-42892-0105
26-60-7101
A-42892-0027
11
26-60-7110
A-42892-0011
42892-0089
A-42892-0089
42892-0106
A-42892-0106
26-60-7111
A-42892-0028
12
26-60-7120
A-42892-0012
42892-0090
A-42892-0090
42892-0107
A-42892-0107
26-60-7121
A-42892-0029


Número de pieza similar - 0428920085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0428920081 MOLEX5-0428920081 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 3 Circuits
0428920086 MOLEX5-0428920086 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 8 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
0428920087 MOLEX5-0428920087 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 9 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com