Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0416610026 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0416610026
Descripción Electrónicos  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0416610026 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0416610026 Datasheet HTML 1Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 2Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 3Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 4Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 5Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 6Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 7Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 8Page - Molex Electronics Ltd. 0416610026 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image


Número de pieza similar - 0416610026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0416610020 MOLEX5-0416610020 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 21 Circuits
0416610021 MOLEX5-0416610021 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 22 Circuits, 0.38um (15u") Gold (Au) Selective Plating, Pin length 19.00mm (.750")
0416610022 MOLEX5-0416610022 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 23 Circuits
0416610023 MOLEX5-0416610023 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 24 Circuits
0416610029 MOLEX5-0416610029 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 7 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com