Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA2506-01 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de pieza KA2506-01
Descripción Electrónicos  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2506-01 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA2506-01 Datasheet HTML 1Page - Samsung semiconductor KA2506-01 Datasheet HTML 2Page - Samsung semiconductor KA2506-01 Datasheet HTML 3Page - Samsung semiconductor KA2506-01 Datasheet HTML 4Page - Samsung semiconductor KA2506-01 Datasheet HTML 5Page - Samsung semiconductor KA2506-01 Datasheet HTML 6Page - Samsung semiconductor KA2506-01 Datasheet HTML 7Page - Samsung semiconductor KA2506-01 Datasheet HTML 8Page - Samsung semiconductor KA2506-01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
KA2506-01
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
2
BLOCK DIAGRAM
RCT
RCLP
ROUT
RIN
VCC1
GIN
GND1
B/U
VI/OSD_SW
BLK
BOUT
GND3
BCT
BCLP
GCLP
VCC3
9
3
2
1
6
5
28
8
7
23
17
27
26
21
22
10
18
CLP
15
25
20
GCT
SDA
ABL
4
14
12
24
VCC2
BOSD
GOSD
ROSD
ONE (RED)
OF THREE CHANNELS
19
13
gm1
SUB
CONTRAST
OSD
INTERFACE
OSD
RASTER
VIDEO
HALF-TONE
HALF-TONE
OSD
CONTRAST
VIDEO
CONTRAST
gm2
+
VIDEO
OSD
SWITCH
BLK
CLP
CLP
A1
A2
A3
INTERFACE & CONTROL
BLANK
GATE
B/U
INTERFACE
VIDEO/OSD
SWITCH
CLAMP
GATE
VIDEO
HALF-TONE
OSD RASTER
SELECT
+
+
CLP
BLK
Cut Off
I2C BUS CONTROL
VIDEO-HALF TONE SWITCH
D1(0AH)
OSD RASTER COLOR
D6:7(0AH)
SOFT BLANK
D0(0AH)
BIN
SCL
11
GND(L)
16
GOUT
+


Número de pieza similar - KA2506-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2507 SAMSUNG-KA2507 Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
More results

Descripción similar - KA2506-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2504A01 SAMSUNG-S1D2504A01 Datasheet
887Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com