Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0456600001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0456600001
Descripción Electrónicos  7.50mm (.295") Power Dock Plug 250V, Gold Zone Both Sides of Blade, 1 Circuit, 0.75關m (30關") Select Gold (Au)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0456600001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0456600001 Datasheet HTML 1Page - Molex Electronics Ltd. 0456600001 Datasheet HTML 2Page - Molex Electronics Ltd. 0456600001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Número de pieza similar - 0456600001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0456610003 MOLEX6-0456610003 Datasheet
135Kb / 4P
   2.54mm (.100") Pitch KK Solid Header, Vertical, with Friction Lock, 3 Circuits, 5.00um (200u") Tin (Sn) Plating, Lead-free
0456610006 MOLEX6-0456610006 Datasheet
135Kb / 4P
   2.54mm (.100") Pitch KK Solid Header, Vertical, with Friction Lock, 6 Circuits, 5.00um (200u") Tin (Sn) Plating, Lead-free
0456611004 MOLEX6-0456611004 Datasheet
90Kb / 3P
   2.54mm (.100") Pitch KK Solid Header, Vertical, with Friction Lock, 3 Circuits, 0.75um (30u") Gold (Au) Plating, Lead-free
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com