Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0447641003 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0447641003 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0447641003 Status: Active Overview: microfit_30 Description: 3.00mm (.118") Pitch Micro-Fit 3.0, BMI™ Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs, 0.8µm (30µ") Gold (Au) Selective, 10 Circuits Documents: 3D Model Product Specification PS-44300-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family PCB Receptacles Series 44764 Application Board-to-Board, Wire-to-Board Overview microfit_30 Product Literature Order No USA-106 Product Name Micro-Fit 3.0 BMI™ Physical Circuits (Loaded) 10 Durability (mating cycles max) 30 Flammability 94V-0 Glow-Wire Compliant No Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 2 Orientation Right Angle PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.118 In Pitch - Mating Interface (mm) 3.00 mm Plating min: Mating (µin) 30.4 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 101.6 Plating min: Termination (µm) 2.54 Polarized to PCB Yes Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 5A Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Wave Capable (TH only) Max. Cycles at Max. Process Temperature 1 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 44764Series Mates With 44428 , 44300 , 44432 |
Número de pieza similar - 0447641003 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |