Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM44C4000C Datasheet(PDF) 7 Page - Samsung semiconductor

No. de pieza KM44C4000C
Descripción Electrónicos  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4000C Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KM44C4000C Datasheet HTML 3Page - Samsung semiconductor KM44C4000C Datasheet HTML 4Page - Samsung semiconductor KM44C4000C Datasheet HTML 5Page - Samsung semiconductor KM44C4000C Datasheet HTML 6Page - Samsung semiconductor KM44C4000C Datasheet HTML 7Page - Samsung semiconductor KM44C4000C Datasheet HTML 8Page - Samsung semiconductor KM44C4000C Datasheet HTML 9Page - Samsung semiconductor KM44C4000C Datasheet HTML 10Page - Samsung semiconductor KM44C4000C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
KM44C4000C, KM44C4100C
CMOS DRAM
KM44V4000C, KM44V4100C
TEST MODE CYCLE
Parameter
Symbol
-5
-6
Units
Notes
Min
Max
Min
Max
Random read or write cycle time
tRC
95
115
ns
Read-modify-write cycle time
tRWC
138
160
ns
Access time from RAS
tRAC
55
65
ns
3,4,10,12
Access time from CAS
tCAC
18
20
ns
3,4,5,12
Access time from column address
tAA
30
35
ns
3,10,12
RAS pulse width
tRAS
55
10K
65
10K
ns
CAS pulse width
tCAS
18
10K
20
10K
ns
RAS hold time
tRSH
18
20
ns
CAS hold time
tCSH
55
65
ns
Column address to RAS lead time
tRAL
30
35
ns
CAS to W delay time
tCWD
41
45
ns
7
RAS to W delay time
tRWD
78
90
ns
7
Column address to W delay time
tAWD
53
60
ns
7
CAS precharge to W delay time
tCPWD
58
65
ns
Fast Page cycle time
tPC
40
45
ns
Fast Page read-modify-write cycle time
tPRWC
81
90
ns
RAS pulse width (Fast Page cycle)
tRASP
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
35
40
ns
3
OE access time
tOEA
18
20
ns
OE to data delay
tOED
18
20
ns
OE command hold time
tOEH
18
20
ns
( Note 11 )


Número de pieza similar - KM44C4000C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM44C4003C SAMSUNG-KM44C4003C Datasheet
376Kb / 20P
   4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
KM44C4005C SAMSUNG-KM44C4005C Datasheet
378Kb / 20P
   4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
More results

Descripción similar - KM44C4000C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com