Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM44S32030 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de pieza KM44S32030
Descripción Electrónicos  8M x 4Bit x 4 Banks Synchronous DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44S32030 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM44S32030 Datasheet HTML 1Page - Samsung semiconductor KM44S32030 Datasheet HTML 2Page - Samsung semiconductor KM44S32030 Datasheet HTML 3Page - Samsung semiconductor KM44S32030 Datasheet HTML 4Page - Samsung semiconductor KM44S32030 Datasheet HTML 5Page - Samsung semiconductor KM44S32030 Datasheet HTML 6Page - Samsung semiconductor KM44S32030 Datasheet HTML 7Page - Samsung semiconductor KM44S32030 Datasheet HTML 8Page - Samsung semiconductor KM44S32030 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM44S32030
CMOS SDRAM
REV. 2 Mar. '98
Preliminary
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high votlage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current(Inputs)
IIL
-5
-
5
uA
3
Input leakage current (I/O pins)
IIL
-5
-
5
uA
3,4
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
Parameter
Symbol
Min
Max
Unit
Clock
CCLK
2.5
4
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
2.5
5
pF
Address
CADD
2.5
5
pF
DQ0 ~ DQ3
COUT
4
6.5
pF
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include HI-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Note :


Número de pieza similar - KM44S32030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM44S32030B SAMSUNG-KM44S32030B Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030BT-G/F10 SAMSUNG-KM44S32030BT-G/F10 Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030BT-G/F8 SAMSUNG-KM44S32030BT-G/F8 Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030BT-G/FA SAMSUNG-KM44S32030BT-G/FA Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030BT-G/FH SAMSUNG-KM44S32030BT-G/FH Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results

Descripción similar - KM44S32030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432D SAMSUNG-K4S280432D Datasheet
113Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030B SAMSUNG-KM44S32030B Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432C SAMSUNG-K4S280432C Datasheet
112Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432E SAMSUNG-K4S640432E Datasheet
113Kb / 10P
   4M x 4Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64420HG HYNIX-HY57V64420HG Datasheet
148Kb / 11P
   4 Banks x 4M x 4Bit Synchronous DRAM
logo
Samsung semiconductor
K4S640432F SAMSUNG-K4S640432F Datasheet
140Kb / 11P
   4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
   16M x 4bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com