Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM48V8004C Datasheet(PDF) 8 Page - Samsung semiconductor

No. de pieza KM48V8004C
Descripción Electrónicos  8M x 8bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM48V8004C Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM48V8004C Datasheet HTML 4Page - Samsung semiconductor KM48V8004C Datasheet HTML 5Page - Samsung semiconductor KM48V8004C Datasheet HTML 6Page - Samsung semiconductor KM48V8004C Datasheet HTML 7Page - Samsung semiconductor KM48V8004C Datasheet HTML 8Page - Samsung semiconductor KM48V8004C Datasheet HTML 9Page - Samsung semiconductor KM48V8004C Datasheet HTML 10Page - Samsung semiconductor KM48V8004C Datasheet HTML 11Page - Samsung semiconductor KM48V8004C Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
KM48V8004C,KM48V8104C
CMOS DRAM
NOTES
An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition
times are measured between VIH(min) and VIL(max) and are assumed to be 2ns for all inputs.
Measured with a load equivalent to 1 TTL load and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves the open circuit condition and is not referenced to Voh or Vol.
tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electric charac-
teristics only. If
tWCS
tWCS(min), the cycles is an early write cycle and the data output will remain high impedance for the
duration of the cycle. If
tCWD
tCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle
and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the
condition of the data out is indeterminate.
Either
tRCH or tRRH must be satisfied for a read cycle.
This parameters are referenced to the CAS falling edge in early write cycles and to the W falling edge in OE controlled write
cycle and read-modify-write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
These specifications are applied in the test mode.
In test mode read cycle, the value of
tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters
should be specified in test mode cycles by adding the above value to the specified value in this data sheet.
If RAS goes high before CAS high going, the open circuit condition of the output is achieved by CAS high going.
If CAS goes high before RAS high going, the open circuit condition of the output is achieved by RAS high going.
tASC
≥6ns, Assume tT = 2.0ns, if tASC≤6ns, then tHPC(min) and tCAS(min) must be increased by the value of "6ns-tASC".
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only-Refresh and Burst CAS-before-RAS refresh mode, 4096 cycles(4K/8K) of burst refresh must be executed
within 64ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval, CBR refresh should be executed with in 15.6us immediately before
and after self refresh in order to meet refresh specification.
5.
6.
7.
8.
9.
10.
11.
12.
13.
1.
2.
3.
4.
14.
15.
16.
17.


Número de pieza similar - KM48V8004C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
More results

Descripción similar - KM48V8004C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812C SAMSUNG-K4E660812C Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812B SAMSUNG-K4E660812B Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com