Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM6264BLP-12 Datasheet(PDF) 5 Page - Samsung semiconductor

No. de pieza KM6264BLP-12
Descripción Electrónicos  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLP-12 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM6264BLP-12 Datasheet HTML 1Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 2Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 3Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 4Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 5Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 6Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 7Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 8Page - Samsung semiconductor KM6264BLP-12 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
5
Min
70
-
-
-
5
5
0
0
10
70
60
0
60
40
0
0
30
0
5
Max
-
70
70
35
-
-
30
30
-
-
-
-
-
-
-
30
-
-
-
Min
100
-
-
-
10
5
0
0
10
100
80
0
80
60
0
0
40
0
5
Max
-
100
100
50
-
-
35
35
-
-
-
-
-
-
-
30
-
-
-
Read cycle time
Address access time
Chip select to output
Output enable to valid output
Chip select to low-Z output
Output enable to low-Z output
Chip disable to high-Z output
Output disable to high-Z output
Output hold from address change
Write cycle time
Chip select to end of write
Address set-up time
Address valid to end of write
Write pulse width
Write recovery time
Write to output high-Z
Data to write time overlap
Data hold from write time
End write to output low-Z
Temperature
0~70 °C
-25~85 °C
-40~85 °C
Read
Write
tRC
tAA
tCO
tOE
tLZ
tOLZ
tHZ
tOHZ
tOH
tWC
tCW
tAS
tAW
tWP
tWR
tWHZ
tDW
tDH
tOW
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter List
Min
120
-
-
-
10
5
0
0
10
120
85
0
85
70
0
0
50
0
10
Max
-
120
120
60
-
-
40
40
-
-
-
-
-
-
-
30
-
-
-
120ns
70ns
100ns
Symbol
Units
TEST CONDITIONS (2. Temperature and Vcc Conditions)
Product Family
KM6264BL/L-L
KM6264BLE/LE-L
KM6264BLI/LI-L
Power Supply(Vcc)
5V +/- 10%
5V +/- 10%
5V +/- 10%
Comments
Commercial
Extended
Industrial
PARAMETER LIST FOR EACH SPEED BIN
Speed Bin
70/100/120ns
100*ns
100*ns
Speed Bins
* measured with 30pF test load


Número de pieza similar - KM6264BLP-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Descripción similar - KM6264BLP-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com