Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM62256CLTGI-10L Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KM62256CLTGI-10L
Descripción Electrónicos  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLTGI-10L Datasheet(HTML) 4 Page - Samsung semiconductor

  KM62256CLTGI-10L Datasheet HTML 1Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 2Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 3Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 4Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 5Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 6Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 7Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 8Page - Samsung semiconductor KM62256CLTGI-10L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
DC AND OPERATING CHARACTERISTICS
* 1) Commercial Product : TA=0 to 70¡É, Vcc=5V¡¾10% unless otherwise specified
2) Extended Product : TA=-25 to 85¡É, Vcc=5V¡¾10% nless otherwise specified
3) Industrial Product : TA=-40 to 85¡É, Vcc=5V¡¾10% unless otherwise specified
** TA=25¡É
*** 20mA for Extended and Industrial Products
****10mA for Extended and Industrial Products
*****2mA for Extended and Industrial Products
Item
Symbol
Test Conditions*
Min
Typ**
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
§Ë
Output leakage current
ILO
CS=VIH or WE=VIL
VIO=Vss to Vcc
-1
-
1
§Ë
Operating power supply current
ICC
CS=VIL,
VIN=VIH or VIL, IIO=0mA
-
7
15***
mA
Average operating current
ICC1
Cycle time=1§Á 100% duty
CS¡Â 0.2V,
VIL¡Â 0.2V
VIN ¡ÃVcc -0.2V, IIO=0mA
-
-
7****
mA
ICC2
Min cycle, 100% duty
CS=VIL, IIO=0mA
-
-
70
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS=VIH
-
-
1*****
mA
Standby Current
(CMOS)
KM62256CL
KM62256CL-L
ISB1
CS ¡ÃVcc-0.2V
VIN¡Ã 0.2V or
VIN ¡ÂVCC-0.2V
L(Low Power)
LL(L Low Power)
-
-
2
1
100
20
§Ë
§Ë
KM62256CLE
KM62256CLE-L
L(Low Power)
LL(L Low Power)
-
-
-
-
100
50
§Ë
§Ë
KM62256CLI
KM62256CLI-L
L(Low Power)
LL(L Low Power)
-
-
-
-
100
50
§Ë
§Ë
TEST CONDITIONS(1.Test Load and Test Input/Output Reference)*
* See DC Operating conditions
** Test load for 45ns commercial products
Item
Value
Remark
Input pulse level
0.8 to 2.4V
-
Input rising & falling time
5ns
-
input and output reference voltage
1.5V
-
Output load (See right)
CL=100pF+1TTL
-
**CL=30pF+1TTL
-
A.C CHARACTERISTICS
CL*
* Including scope and jig capacitance


Número de pieza similar - KM62256CLTGI-10L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM62256CLTGI-7L SAMSUNG-KM62256CLTGI-7L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Descripción similar - KM62256CLTGI-10L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com