Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0443801010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de Pieza. 0443801010
Descripción  Modular Jack, Right Angle, Low Profile, Inverted, 8/8
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0443801010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Grounding to Panel
With All Panel Grounding Tabs
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Application Specification
AS-43860-001
Packaging Specification
PK-44380-005
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-44380-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn