Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0459844353 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

No. de pieza 0459844353
Descripción Electrónicos  1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Receptacle Header, Right Angle, 4 Power Contacts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459844353 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0459844353 Datasheet HTML 1Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 2Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 3Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 4Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 5Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 6Page - Molex Electronics Ltd. 0459844353 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Número de pieza similar - 0459844353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0459844351 MOLEX6-0459844351 Datasheet
429Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower??Receptacle Header,Right Angle, 4 Power Contacts, 28 Signal Contacts, Select Gold (Au) Plating, for 3.18mm (.125") Thick PC Board
0459844352 MOLEX6-0459844352 Datasheet
429Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Receptacle Header, Right Angle, 4 Power Contacts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com