Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS86C4004 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS86C4004
Descripción  SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
Descarga  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS86C4004 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRODUCT OVERVIEW
KS86C4004/P4004/C4104/P4104
1-2
FEATURES
CPU
SAM87Ri CPU core
Memory
4-Kbyte internal program memory (ROM)
208-byte general purpose register area (RAM)
Instruction Set
41 instructions
IDLE and STOP instructions added for
power-down modes.
Instruction Execution Time
600 ns at 10 MHz fOSC (minimum)
Interrupts
6 interrupt sources with one vector and one level
interrupt structure
Oscillation Frequency
1 MHz to 10 MHz external crystal oscillator
Maximum 10 MHz CPU clock
4 MHz RC oscillator
General I/O
Four I/O ports (22 pins for KS86C4004,
16 pins for KS86C4104)
Bit programmable ports
A/D Converter
Eight analog input pins
8-bit conversion resolution (KS86C4004)
10-bit conversion resolution (KS86C4104)
Timer/Counter
One 8-bit basic timer for watchdog function
One 8-bit timer/counter with three operating
modes (10-bit PWM 1ch)
One 8-bit timer/counter for the zero-crossing
detection circuit
Zero-Crossing Detection Circuit
Zero-crossing detection circuit that generates a
digital signal in synchronism with an AC signal
input
Buzzer Frequency Range
200 Hz to 20 kHz signal can be generated
Operating Temperature Range
– 40°C to + 85°C
Operating Voltage Range
2.7 V to 5.5 V
OTP Interface Protocol Spec
Serial OTP
Package Types
30-pin SDIP, 32-pin SOP for KS86C4004/P4004
24-pin SDIP, 24-pin SOP for KS86C4104/P4104


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn