Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS86C4204 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS86C4204
Descripción  SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS86C4204 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PRODUCT OVERVIEW
KS86C4204/C4208/P4208
1-6
PIN DESCRIPTIONS
Table 1-1. KS86C4204/C4208/P4208 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Pin
Type
Share
Pins
P0.0-P0.7
I/O
Bit-programmable I/O port for Schmitt trigger input or push-pull,
open-drain output. Pull-up resistors are assignable by
software.
E
E-1
SCK,SO,SI
, CLO,
AD8-AD11
P1.0-P1.3
I/O
Bit-programmable I/O port for Schmitt trigger input or push-pull
output.
Pull-up resistors are assignable by software. Port 1 pins can
also be used as alternative functions.
D
T0/ZCD
BUZ
INT0
INT1
P2.0-P2.7
I/O
Bit-programmable I/O port for Schmitt trigger input or push-pull,
open drain output. Pull up resistors are assignable by software.
Port 2 can also be used as external interrupt, A/D input.
E-1
AD0-AD7
P3.0-P3.3
O
Push-pull or open-drain output port.
Pull-up resistors are assignable by software.
E-2
XIN, XOUT
Crystal/ceramic, or RC oscillator signal for system clock.
RESET
I
System RESET signal input pin.
B
TEST
I
Test signal input pin (for factory use only: must be connected
to VSS)
AVREF, AVSS
A/D converter reference voltage input and ground
VDD, VSS
Voltage input pin and ground
SCK
I/O
Serial interface clock input or output
E
P0.0
SO
O
Serial data output
E
P0.1
SI
I
Serial data output
E
P0.2
CLO
O
System clock output port
E
P0.3
SCLK
SDAT
I/O
IIC CLOCK
IIC DATA
E-1
P2.7
P2.6
BUZ
O
200 Hz-20 kHz frequency output for buzzer sound.
D
P1.1
ZCD
I
Zero crossing detector input
D
P1.0
T0
I/O
Timer 0 capture input or 10-bit PWM output
D
P1.0
INT0
INT1
I
External interrupt input
D
P1.2
P1.3
PWM0
PWM1
O
12-bit PWM output
E-1
D
P0.7
P1.3
AD0-AD11
I
A/D converter input
E-1
P2.0-P2.7
P0.4-P0.7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn