Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS86C4204 Datasheet(PDF) 1 Page - Samsung semiconductor

No. de Pieza. KS86C4204
Descripción  SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS86C4204 Datasheet(HTML) 1 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
KS86C4204/C4208/P4208
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung’s SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide
range of integrated peripherals, and various mask-programmable ROM sizes.
A address/data bus architecture and a large number of bit-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating
modes are included to support real-time operations.
KS86C4204/C4208/P4208 MICROCONTROLLER
The KS86C4204/C4208/P4208 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It
is built around the powerful SAM87Ri CPU core. The KS86C4204/C4208/P4208 is a versatile microcontroller, with
its A/D converter, SIO, IIC and a zero-crossing detection capability it can be used in a wide range of general
purpose applications.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The KS86C4204/C4208/P4208 have 4-Kbyte or
8-Kbyte of program memory on-chip (ROM) and 208-bytes of general purpose register area RAM.
Using the SAM87Ri design approach, the following peripherals were integrated with the SAM87Ri core:
Four configurable I/O ports (24 pins)
Nine interrupt sources with one vector and one interrupt level
Two 8-bit timer/counter with various operating modes
Analog to digital converter with 12 input channels and 10-bit resolution
One synchronous SIO module
One IIC module
Two 12-bit PWM output
The KS86C4204/C4208/P4208microcontroller is ideal for use in a wide range of electronic applications requiring
simple timer/counter, PWM, ADC, SIO, IIC, ZCD and capture functions. KS86C4204/C4208/P4208 is available in
a 28/32-pin SOP and a 30-pin SDIP package.
OTP
The KS86P4208 is an OTP (One Time Programmable) version of the KS86C4204/C4208 microcontroller. The
KS86P4208 has on-chip 8-Kbyte one-time-programmable EPROM instead of masked ROM. The KS86P4208 is
fully compatible with the KS86C4204/C4208, in function, in D.C. electrical characteristics and in pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn