Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0457140001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0457140001
Descripción Electrónicos  12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 2 Segments (4 Total Contacts), Press-Fit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0457140001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0457140001 Datasheet HTML 1Page - Molex Electronics Ltd. 0457140001 Datasheet HTML 2Page - Molex Electronics Ltd. 0457140001 Datasheet HTML 3Page - Molex Electronics Ltd. 0457140001 Datasheet HTML 4Page - Molex Electronics Ltd. 0457140001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Número de pieza similar - 0457140001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0457140002 MOLEX6-0457140002 Datasheet
243Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 3 Segments (6 Total Contacts), Press-Fit
0457140002 MOLEX1-0457140002_17 Datasheet
48Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 3 Segments Thick Card Edge or Bus Bar Tab
0457140003 MOLEX6-0457140003 Datasheet
243Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge?? Connector, 4 Segments (8 Total Contacts), Press-Fit, Mates to a 1.57mm (.062") Thick Card Edge or Bus Bar Tab
0457140003 MOLEX1-0457140003_17 Datasheet
48Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 4 Segments Thick Card Edge or Bus Bar Tab
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com