Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS86C6404 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS86C6404
Descripción  SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS86C6404 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PRODUCT OVERVIEW
KS86C6404/C6408/P6408
1-6
PIN DESCRIPTIONS
Table 1-1. KS86C6404/C6408/P6408 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Number
Pin
Numbers
Share
Pins
P0.0-P0.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or open-drain output. Port0 can be
individually configured as external interrupt
inputs. Pull-up resistors are assignable by
software.
B
36-29
(30-23)
INT2
P1.0-P1.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or open-drain output. Pull-up resistors are
assignable by software.
B
28-21
(22-15)
P2.0-P2.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or open-drain output. Port2 can be
individually configured as external interrupt
inputs. Pull-up resistors are assignable by
software.
B
3-10
(41-44, 1-4)
INT0
P3.0-P3.3
I/O
Bit-programmable I/O port for Schmitt trigger
input, open-drain or push-pull output. P3.3 can
be used to system clock output(CLO) pin.
C
2, 1, 42, 41
(40-37)
P3.3/CLO
P4.0-P4.3
I/O
Bit-programmable I/O port for Schmitt trigger
input or open-drain output or push-pull output.
Port4 can be individually configured as external
interrupt inputs. In output mode, pull-up resistors
are assignable by software. But in input mode,
pull-up resistors are fixed.
D
16, 17, 19, 20
(10, 11, 13,
14)
INT1
D+/PS2
D-/PS2
I/O
Programmable port for
USB interface or PS2 interface.
40-39 (36-35)
3.3 V
OUT
3.3 V output from internal voltage regulator
38 (34)
XIN, XOUT
System clock input and output pin
(crystal/ceramic oscillator, or external clock
source)
14, 13
(8, 7)
INT0
INT1
INT2
I
External interrupt for bit-programmable port0,
port2 and port4 pins when set to input mode.
3-10, 16,17,
19, 20, 29-36
(30-23, 41-44,
1-4, 10, 11,
13, 14)
PORT2/
PORT4/
PORT0
RESET
I
RESET signal input pin. Input with internal pull-
up resistor.
A
18 (12)
TEST
I
Test signal input pin (for factory use only;
connected to VSS)
15 (9)
V
DD
Power input pin
11 (5)
V
SS
Ground input pin
12, (6)
NC
No connection
37
(31,32, 33)
NOTE: Pin numbers shown in parenthesis '( )' are for the 44-QFP package; others are for the 42-SDIP package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn