Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C2148 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS88C2148
Descripción  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C2148 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRODUCT OVERVIEW
KS88C2148/P2148
1-2
FEATURES
CPU
SAM8 CPU core
Memory
Data memory: 1040-byte of internal register file
(Excluding LCD RAM)
Program memory: 48-Kbyte internal program
memory (ROM)
External Interface
64-Kbyte external data memory area
Instruction Execution Time
750 ns at 8 MHz (minimum, Main oscillator)
183
µs at 32,768 Hz (minimum, Sub oscillator)
Interrupts
7 interrupt levels and 19 interrupt sources
19 vectors
Fast interrupt processing feature (for one
selected interrupt level)
I/O Ports
Five 8-bit I/O ports (P0-P4) and one 7-bit I/O
port (P5) for a total of 47 bit-programmable pins
8-Bit Basic Timer
One programmable 8-bit basic timer (BT) for
oscillation stabilization control or watchdog timer
(software reset) function
Watch Timer
Time internal generation: 3.91 ms, 0.5 s at
32,768 Hz
Four frequency outputs to BUZ pin
Clock source generation for LCD
Timers and Timer/Counters
One 8-bit timer/counter (Timer 0) with three
operating modes: Interval, Capture, and PWM
One 16-bit timer/counter (Timer 1) with two 8-bit
timer/counter modes
LCD Controller/Driver
UP to 32 segment pins
3, 4, and 8 common selectable
Choice of duty cycle
All dots can be switched on/off
Internal resistor circuit for LCD bias
Serial Port
One synchronous SIO
A/D Converter
8-bit conversion resolution
× 4 channel
34
µs conversion time(4 MHz CPU clock, fxx/4)
Oscillation Sources
Crystal, ceramic, or RC for main system clock
Crystal or external oscillator for subsystem clock
Main system clock frequency: 8 MHz
Subsystem clock frequency: 32.768 kHz
Power-Down Modes
Main idle mode (only CPU clock stops)
Sub idle mode
Stop mode (main/sub system oscillation stops)
Operating Temperature Range
– 40°C to + 85°C
Operating Voltage Range
2.0 V to 5.5 V at 32 kHz (sub clock)-6 MHz
(main clock)
2.2 V to 5.5 V at 8 MHz
Package Type
80-pin TQFP, 80-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn