Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C2416 Datasheet(PDF) 13 Page - Samsung semiconductor

No. de Pieza. KS88C2416
Descripción  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C2416 Datasheet(HTML) 13 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ELECTRICAL DATA
KS88C2416/P2416/C2432/P2432
19-4
Table 19-2. D.C. Electrical Characteristics (Concluded)
(TA = -40 °C to + 85 °C, VDD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply current (1)
IDD1
(2)
VDD = 5 V ± 10 %
10 MHz crystal oscillator
12
25
mA
3 MHz crystal oscillator
4
10
VDD = 3 V ± 10 %
10 MHz crystal oscillator
3
8
3 MHz crystal oscillator
1
5
IDD2
Idle mode: VDD = 5 V ± 10 %
10 MHz crystal oscillator
3
10
3 MHz crystal oscillator
1.5
4
Idle mode: VDD = 3 V± 10 %
10 MHz crystal oscillator
1.2
3
3 MHz crystal oscillator
0.5
1.5
IDD3
Sub operating: main-osc stop
VDD = 3 V ± 10 %
32768 Hz crystal oscillator
20
40
uA
IDD4
Sub idle mode: main-osc stop
VDD = 3 V ± 10 %
32768 Hz crystal oscillator
7
14
IDD5
Main stop mode : sub-osc stop
VDD = 5 V ± 10 %
1
3
VDD = 3 V ± 10 %
0.5
2
NOTES:
1.
Supply current does not include current drawn through internal pull-up resistors or external output current loads.
2.
IDD1 and IDD2 include a power consumption of subsystem oscillator.
3.
IDD3 and IDD4 are the current when the main system clock oscillation stop and the subsystem clock is used.
And does not include the LCD and Voltage booster and voltage level detector
4.
IDD5 is the current when the main and subsystem clock oscillation stop.
5.
Voltage booster’s operating voltage range is 2.0 V to 5.5 V. The range of 1.8 V to 2.0 V could be referenced
in page 17-4.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn