Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C2416 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS88C2416
Descripción  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C2416 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PRODUCT OVERVIEW
KS88C2416/P2416/C2432/P2432
1-2
FEATURES
Memory
ROM: 32-Kbyte (KS88C2432/P2432)
ROM: 16-Kbyte (KS88C2416/P2416)
RAM: 1056-Byte (KS88C2432/P2432,
KS88C2424/P2424)
RAM: 544-Byte (KS88C2416/P2416,
KS88C2408/P2408)
Data memory mapped I/O
Oscillation Sources
Crystal, ceramic, RC (main)
Crystal for subsystem clock
Main system clock frequency 1-10 MHz
(3 MHz at 1.8 V, 10 MHz at 2.7 V)
Subsystem clock frequency: 32.768 kHz
CPU clock divider (1/1, 1/2, 1/8, 1/16)
Two Power-Down Modes
Idle (only CPU clock stops)
Stop (System clock stops)
Interrupts
6 level 8 vector 8 internal interrupt
2 level 8 vector 8 external interrupt
45 I/O Pins
45 configurable I/O pins
Basic Timer
Overflow signal makes a system reset.
Watchdog function
8-Bit Timer/Counter A
Programmable 8-bit timer
Interval, capture, PWM mode
Match/capture, overflow interrupt
8-Bit Timer/Counter B
Programmable 8-bit timer
Carrier frequency generator
16-Bit Timer/Counter 0
Programmable 16-bit timer
Match interrupt generates
16-Bit Timer/Counter 1
Programmable 16-bit timer
Interval, capture, PWM mode
Match/capture, overflow interrupt
Watch Timer
Real-time and interval time measurement
Clock generation for LCD
Four frequency outputs for buzzer sound
LCD Controller/Driver
Maximum 16-digit LCD direct drive capability
Display modes: static, 1/2 duty (1/2 bias)
1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias)
A/D Converter
Eight analog input channels
50
µs conversion speed at 1 MHz f
ADC clock
10-bit conversion resolution
8-Bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first/MSB-first transmission selectable
Internal/external clock source
Voltage Booster
LCD display voltage supply
S/W control en/disable
3.0 V drive
Voltage Detector
Programmable detection voltage
(2.2 V, 2.4 V, 3.0 V, 4.0 V)
En/Disable S/W selectable
Instruction Execution Times
400 ns at 10 MHz (main)
122 us at 32.768 kHz (subsystem)
Operating Temperature Range
-40
°C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
80-pin QFP
80-pin TQFP
KS88C2432’s ROM version device
KS88C2424 (ROM 24 Kbyte)
KS88C2416’s ROM version device
KS88C2408 (ROM 8 Kbyte)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn