Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C2416 Datasheet(PDF) 29 Page - Samsung semiconductor

No. de Pieza. KS88C2416
Descripción  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C2416 Datasheet(HTML) 29 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
KS88C2416/P2416/C2432/P2432
KS88P2416/P2432 OTP
21-5
Table 21-4. D.C. Electrical Characteristics (Continued)
(TA = -40 °C to +85 °C, VDD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input high leakage
current
ILIH1
VIN = VDD
All input pins except ILIH2
3
ILIH2
VIN = VDD
XIN, XTIN
20
Input low leakage
current
ILIL1
VIN = 0 V
All input pins except ILIL2
-3
ILIL2
VIN = 0 V
XIN, XTIN, RESET
-20
uA
Output high
leakage current
ILOH
VOUT = VDD
All I/O pins and Output pins
3
Output low leakage
current
ILOL
VOUT = 0 V
All I/O pins and Output pins
-3
Oscillator feed back
resistors
Rosc1
VDD = 5.0 V TA = 25 °C
XIN = VDD, XOUT = 0 V
800
1000
1200
k
Pull-up resistor
RL1
VIN = 0 V; VDD = 5 V ±10 %
Port 0,1,2,3,4,5 TA = 25°C
25
50
100
RL2
VIN = 0 V; VDD = 5 V ±10%
TA=25 °C, RESET only
110
210
310
VLC0 out voltage
(Booster run mode)
VLC0
TA = 25 °C (1/3 bias mode)
0.9
1.0
1.1
V
TA = 25 °C (1/2 bias mode)
1.4
1.5
1.7
VLC1 out voltage
(Booster run mode)
VLC1
TA = 25 °C
2VLC0 - 0.1
2VLC0 + 0.1
VLC2 out voltage
(Booster run mode)
VLC2
TA = 25 °C
3VLC0 - 0.1
3VLC0 + 0.1
COM output
voltage deviation
VDC
VDD = VLC2 = 3 V
(VLC-COMi)
IO =
± 15 µA (1 = 0–3)
± 60
± 120
mV
SEG output
voltage deviation
VDs
VDD = VLC2 = 3 V
(VLC-COMi)
IO =
± 15 µA (1 = 0–3)
± 60
± 120


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn